Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8002 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPCP8002
Description  TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8002 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPCP8002 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCP8002
2007-01-16
5
0.1
1
10
100
100
1000
10000
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Ciss
Coss
Crss
Ambient temperature Ta (°C)
RDS (ON) – Ta
Drain
−source voltage VDS (V)
IDR – VDS
Drain
−source voltage VDS (V)
C – VDS
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
PD – Ta
Total gate charge Qg (nC)
Dynamic input/output
characteristics
Common source
Ta
= 25°C
Pulse test
Common source
VDS = −10 V
ID = −200 μA
Pulse test
(1) Device mounted on a
glass-epoxy board (a)
(Note 2a)
(2) Device mounted on a
glass-epoxy board (b)
(Note 2b)
0
0
20
40
60
4
8
12
16
20
0
2
4
8
10
VDD = 16 V
4 V
8 V
VGS
Common source
ID = 9.1 A
Ta
= 25°C
Single Pulse test
VDS
6
0.1
0
10
100
−0.2
−0.4
−0.6
−0.8
−1.2
VGS = −1 V
1
0
5
3
1
−1
0.0
−80
−40
0
40
80
120
160
0.2
0.4
0.8
1.2
0.6
1.0
0.4
0.8
1.6
0
50
100
150
200
1.2
2.0
0
(1)
(2)
0
−80
−40
0
40
80
120
160
4
8
12
16
VGS = 4.5 V
2.5 V
ID = 2.3,4.5,9.1 A
ID = 2.3,4.5,9.1 A
20
Common source
Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com