Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8002 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCP8002
Description  TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8002 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCP8002 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCP8002
2007-01-16
1
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
TPCP8002
Notebook PC Applications
Portable Equipment Applications
• Lead (Pb)-Free
• Small footprint due to small and thin package
• Low drain-source ON-resistance
: RDS (ON) = 7 mΩ (typ.)
• High forward transfer admittance
:|Yfs| = 36 S (typ.)
• Low leakage current
: IDSS = 10 μA (VDS = 20 V)
• Enhancement mode
: Vth = 0.5 to 1.2 V (VDS = 10 V, ID = 0.2 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
20
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
20
V
Gate-source voltage
VGSS
±12
V
DC
(Note 1)
ID
9.1
Drain current
Pulse
(Note 1)
IDP
36.4
A
Drain power dissipation (t
= 5 s)
(Note 2a)
PD
1.68
Drain power dissipation (t
= 5 s)
(Note 2b)
PD
0.84
W
Single pulse avalanche energy
(Note 3)
EAS
21.5
mJ
Avalanche current
IAR
9.1
A
Repetitive avalanche energy
(Note 4)
EAR
0.168
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: For Notes 1 to 5, refer to the next page.
Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage,
etc.) are within the absolute maximum ratings. Please design the
appropriate reliability upon reviewing the Toshiba Semiconductor
Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3V1K
Circuit Configuration
Marking (Note 5)
0.33±0.05
0.28+0.1
-0.11
1.12+0.13
-0.12
0.475
0.65
A
0.05 M
2.9±0.1
4
1
5
8
0.8±0.05
0.17±0.02
B
B
0.05 M
A
S
0.025
S
1.12+0.13
-0.12
0.28+0.1
-0.11
1.Source
2.Source
3.Source
4.Gate
5.Drain
6.Drain
7.Drain
8.Drain
8
7
6
5
1
2
3
4
Lot No.
1
2
3
4
8
7
6
5
8002
*


Similar Part No. - TPCP8002

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCP8003-H TOSHIBA-TPCP8003-H Datasheet
248Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCP8003-H TOSHIBA-TPCP8003-H Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCP8004 TOSHIBA-TPCP8004 Datasheet
196Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
TPCP8004 TOSHIBA-TPCP8004 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - TPCP8002

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8111 TOSHIBA-TPC8111 Datasheet
399Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8113 TOSHIBA-TPC8113 Datasheet
232Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCS8105 TOSHIBA-TPCS8105 Datasheet
270Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8303 TOSHIBA-TPCF8303 Datasheet
118Kb / 4P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8302 TOSHIBA-TPCF8302 Datasheet
273Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8303 TOSHIBA-TPCF8303_07 Datasheet
230Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8304 TOSHIBA-TPCF8304 Datasheet
260Kb / 7P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS IV)
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8026 TOSHIBA-TPC8026 Datasheet
207Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
2009-09-29
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com