Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8401 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCP8401
Description  TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS ??/ ?-MOS ??
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8401 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCP8401 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 8Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TPCP8401
2006-11-13
1
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS Ⅲ / π-MOS Ⅵ)
TPCP8401
○
Switching Regulator Applications
○
Load Switch Applications
• Lead(Pb)-Free
• Multi-chip discrete device; built-in P channel MOS FET for main
switch and N Channel MOS FET for drive
• Small footprint due to small and thin package
• Low drain-source ON resistance
: P Channel RDS (ON) = 31 mΩ (typ.)
• Low drain-source ON resistance
High forward transfer admittance
: P Channel |Yfs| = 13 S (typ.)
• Low leakage current
: P Channel IDSS = −10 μA (VDS = −12 V)
• Enhancement−mode
: P Channel Vth = −0.5 to −1.2 V (VDS = −10 V, ID = −200 μA)
Absolute Maximum Ratings (Ta = 25°C)
P-ch
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−12
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−12
V
Gate-source voltage
VGSS
±8
V
DC
(Note 1)
ID
−5.5
Drain current
Pulse (Note 1)
IDP
−22.0
A
Drain power dissipation
(t
= 5 s)
(Note 2a)
PD
1.96
W
Drain power dissipation
(t
= 5 s)
(Note 2b)
PD
1.0
W
Single pulse avalanche energy
(Note 3)
EAS
5.3
mJ
Avalanche current
IAR
−2.8
A
Repetitive avalanche energy
(Note 2a) (Note 4)
EAR
0.22
mJ
Channel temperature
Tch
150
°C
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3V1G
Weight: 0.017 g (typ.)
Circuit Configuration
Marking (Note5)
1
2
3
4
8
7
6
5
8401
1
2
3
4
8
7
6
5
※
Lot No.
1.Source(Nch)
2.Drain(Pch)
3.Drain(Pch)
4.Drain(Pch)
5.Gate(Pch)
6.Source(Pch)
7.Gate(Nch)
8.Drain(Nch)
0.33±0.05
0.28+0.1
-0.11
1.12+0.13
-0.12
0.475
0.65
A
0.05 M
2.9±0.1
4
1
5
8
0.8±0.05
0.17±0.02
B
B
0.05 M
A
S
0.025
S
1.12+0.13
-0.12
0.28+0.1
-0.11


Similar Part No. - TPCP8401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8401 TOSHIBA-TPCP8401 Datasheet
129Kb / 5P
Motor Dreive Notebook PC Portable Machines and Tools
TPCP8401 TOSHIBA-TPCP8401 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - TPCP8401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8102 TOSHIBA-TPCP8102 Datasheet
238Kb / 7P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??
TPCP8301 TOSHIBA-TPCP8301 Datasheet
294Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8302 TOSHIBA-TPCP8302 Datasheet
233Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J325F TOSHIBA-SSM3J325F Datasheet
193Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J133TU TOSHIBA-SSM3J133TU Datasheet
193Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J134TU TOSHIBA-SSM3J134TU Datasheet
209Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J135TU TOSHIBA-SSM3J135TU Datasheet
196Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8404 TOSHIBA-TPCP8404 Datasheet
293Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MO/U-MOS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com