Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 182 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 182 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 178Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 179Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 180Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 181Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 182Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 183Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 184Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 185Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 186Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 225 page
background image
Chapter 10 Asynchronous Serial Interface (UART)
Preliminary
10-7
10.1.8
Parity Control
During transmission, parity information is generated when the data is written to the transmitter shift
register. The information is stored
•
in bit 7 of the transmitter shift register for 7-bit data length or
•
in TWUB of the line control register for 8-bit data length.
During reception, the parity check is executed when the data is written from receiver shift register to
the receiver buffer. A parity error occurs when a difference between received and calculated parity bit is
found. The check information is stored
•
in bit 7 of the read buffer for 7-bit data length or
•
in RWUB of the line control register for 8-bit data length.
10.1.9
Interrupts
The UART can send three interrupt signals to the Interrupt Controller of the TMPR3916:
•
Transmit Interrupt
•
Receive Interrupt
•
Exception Interrupt
A brief explanation of the meaning of each of these interrupts now follows, for further details refer to
the Registers section of the document. It is possible to mask the interrupts by programming the SIDICR
register. The cause of the interrupt, however, is latched and available for polling.
Transmit Interrupt
A Transmit Interrupt may occur when:
•
There is free space in the TX FIFO, hence new data may be written in the FIFO.
Receive Interrupt
A Receive Interrupt may occur when:
•
There is valid data in the RX FIFO, which has not been retrieved yet.
•
There is a Time Out on the Receiver and the Time Out is mapped on the RX interrupt
(programming RIR bit of Interrupt Control Register)
•
There is an error (parity, frame or overrun) detected in the RX FIFO.
Exception Interrupt
A Status Interrupt may occur when:
•
There is a BREAK in the UART transfer (see section “10.1.11 Breaks”).
•
All data in transmit FIFO has been sent.
•
There is free space in TX FIFO.
•
A CTS active has been detected by the transmitter.
•
There is an Overrun Error.
•
There is a Frame error.
•
There is a Parity error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com