Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 183 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 183 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 179Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 180Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 181Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 182Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 183Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 184Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 185Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 186Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 187Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 225 page
background image
Chapter 10 Asynchronous Serial Interface (UART)
Preliminary
10-8
10.1.10 Error Flags
The following error flags can be risen:
Overrun error
Occurs when there is an overflow of the transmit or of the receive buffer.
Parity error
Occurs when the received parity bit and the calculated parity information are not the same.
Frame error
Occurs when 0 is detected at the stop bit position during receive.
10.1.11 Breaks
A break is detected by the receiver when all bits in a frame are 0 and the stop bit is also 0. When a
break is detected the received data will not be stored and the UART will assert an interrupt to signal the
break condition.
To transmit a break, the TBRK bit of the flow control register must be set to 1. To resume normal
operation the TBRK bit must be set to 0 again.
10.1.12 Receiver Time Out
A receiver time out occurs when the receiver FIFO has at least 1 entry stored and an equivalent of a
2-byte receive time is elapsed from the previous reception. That sets the receiver Time Out bit (TOUT)
in the DMA/Interrupt Status register(SIDISR). Please note that if all data has been fetched from the
FIFO, the Time Out will not be set!
It is recommended not to use the TOUT bit for flow control of the receiver.
10.1.13 Handling of received data and receiver FIFO status bits
The following status information is stored in the receiver FIFO along with the received data:
•
UART receiver break (UBRK)
•
UART available status (UVALID)
•
UART frame error (UFER)
•
UART parity error (UPER)
•
UART overrun error (UOER)
The software can read the status in the DMA/interrupt status register (SIDISR). The status of this
register is updated always after data has been read from the FIFO: if there are 2 entries in the FIFO, and
the second one contains a parity error, this will be signaled in the SIDISR only after the first entry has
been read.
Data that has been received without errors can be read from the receiver FIFO. A Receive Interrupt
Request will indicate the presence of new entries in receiver FIFO, if this is enabled. Errors during
reception will be indicated by an exception interrupt request.
Only data that has been received without errors is transferable via DMA. When an error (UFER,
UPER, UOER) or a receive time-out (TOUT) occurs, the receive error is notified and the received data
transfer request is not asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com