Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 186 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 186 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 182Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 183Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 184Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 185Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 186Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 187Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 188Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 189Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 190Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 225 page
background image
Chapter 10 Asynchronous Serial Interface (UART)
Preliminary
10-11
10.2.2
Line Control Register (SILCR)
Bit
31
16
Name
Bit
1514
131211
10
9
8
Name
RWUB
TWUB

OUTSEL
IRDA
LSBF
Bit
7
6
543
210
Name
SCS
UEPS
UPEN
USBL
UMODE
Bit
Name
Function
Reset
Value
R/W
31:16
Wired to zero
0R
15
RWUB
Wake Up Bit for Receive
0 = The UART does not wait for a wake-up-bit
1 = The UART is looking for a wake-up-bit
Used only in multi controller mode.
0
R/W
14
TWUB
Wake Up Bit for Transmit
0 = Next frame contains data (wake-up-bit = 0)
1 = Next frame contains address (wake-up-bit = 1)
The contents of this bit make only sense in multi controller mode.
1
R/W
13
Not used / Always write to “0”
0R/W
12:11
Wired to zero
00
R
10
OUTSEL
Clock Output Select
0 = Clock frequency is the same as in Baud Rate Register (SIBGR)
specified
1 = Clock frequency is 16 times the value specified in Baud Rate
Register (SIBGR)
0
R/W
9
IRDA
IrDA Clock
0 = No output of IrDA clock
1 = Output of IrDA clock
It has no meaning when OUTSEL = 1.
0
R/W
8
LSBF
LSB First
0 = Reads or sends the MSB first
1 = Reads or sends the LSB first
0
R/W
7
Wired to zero
0R
6:5
SCS
SIO Clock Select
00 = Internal system clock
01 = Baud rate generator provided with internal clock
10 = External clock
11 = Baud rate generator provided with external clock
10
R/W
4
UEPS
UART Parity Select
0 = Odd Parity
1 = Even Parity
0
R/W
3
UPEN
UART Parity Enable
0 = Disable Parity Check
1 = Enable Parity Check
The bit should be 0 in the multi controller system mode (UMODE =
10, 11).
0
R/W
2
USBL
UART Stop Bit Length
0 = 1 bit
1 = 2 bit
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com