Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 188 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 188 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 184Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 185Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 186Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 187Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 188Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 189Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 190Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 191Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 192Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 225 page
background image
Chapter 10 Asynchronous Serial Interface (UART)
Preliminary
10-13
Bit
Name
Function
Reset
Value
R/W
11
SPIR
Special Interrupt Request
0 = No interrupt when errors occur
1 = Send SIOEXC interrupt, when errors occur
0
R/W
10:9
CTSAC
CTSS Status Active Condition
Sets condition of CTS.
00 = Disable CTS
01 = CTS terminal rising edge
10 = CTS terminal falling edge
11 = Both edges
0
R/W
8:6
Wired to zero
0R
5
SIOE
Special Interrupt on Overrun Error
0 = No actions on overrun error
1 = When an overrun error occurs, send SIOEXC interrupt and set
STIS bit in Interrupt Status Register (SIDISR)
0
R/W
4
SICTS
Special Interrupt on Receive of CTS
0 = No actions on CTS
1 = When receiving CTS, send SIOEXC interrupt and set STIS bit in
Interrupt Status Register (SIDISR)
0
R/W
3
SIBRK
Special Interrupt on Break of UART Transfer
0 = No actions on break
1 = When a break occurs, send SIOEXC interrupt and set STIS bit in
Interrupt Status Register (SIDISR)
This bit must have the same value of SIUB
0
R/W
2
SITR
Special Interrupt on Free Space in Transmit FIFO (RBRKD)
0 = No actions on free space in transmit FIFO
1 = When free space is detected, send SIOEXC interrupt and set
STIS bit in Interrupt Status Register (SIDISR)
0
R/W
1
SIAS
Special Interrupt, when all data sent
0 = No actions, when all data sent
1 = When all data sent, transmit SIOEXC interrupt and set STIS bit in
Interrupt Status Register (SIDISR)
0
R/W
0
SIUB
Special Interrupt on Break of UART Transfer (UBRKD)
0 = No actions on break
1 = When a break occurs, send SIOEXC interrupt and set STIS bit in
Interrupt Status Register (SIDISR)
This bit must have the same value of SIBRK
0
R/W
The SIUB and SIBRK bits have the same behavior for the Exception Interrupt, since there is only one
Break flag in the DMA/Interrupt Status Register (SIDISR). However the SIBRK masks the UART
being in break status, the SIUB masks the detection of a BREAK. Obviously as soon as a Break is
detected (if any of the two is unmasked) the UART will send an Interrupt Request. To know if a Break
has already occurred or is still active refer to the Status Change Register (SISCIR). Setting these two
bits to 1 or 0 will not affect the behavior of the Status Change Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com