Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 192 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 192 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 188Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 189Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 190Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 191Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 192Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 193Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 194Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 195Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 196Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 225 page
background image
Chapter 10 Asynchronous Serial Interface (UART)
Preliminary
10-17
10.2.7
Flow control register (SIFLCR)
Bit
31
16
Name
Bit
1514
131211
10
9
8
Name
RCS
TRS
RTSSC
RSDR
Bit
7
6
543
210
Name
TSDR
RTSTL
TBRK
Bit
Name
Function
Reset
Value
R/W
31:13
Wired to zero
0R
12
RCS
RTS Control Select
Selects the method to control the RTS terminal.
0 = Software control
1 = Software or hardware control
0
R/W
11
TRS
Tx Request Select
Selects the transmit request.
0 = Control by transmit serial data request (TSDR).
1 = Control by transmit request command or the CTS terminal
(hardware control)
0
R/W
10
Wired to zero
0R
9
RTSSC
RTS Software Control
Determines the output of the RTS terminal.
0 = Sets the RTS terminal to 0
1 = Sets the RTS terminal to 1
0
R/W
8
RSDR
Receive Serial Data Request
0 = Received data will stored
1 = Received data will not be written into FIFO
1
R/W
7
TSDR
Transmit Serial Data Request
0 = Transmission runs
1 = Halts transmission.
A running transmission will be finished.
1
R/W
6:2
Wired to zero
0R
1
RTSTL
RTS Trigger Level
Sets the RTS hardware control assert level at the number of receive
data entries in the receiver FIFO.
Possible settings: 01, 10
1
R/W
0
TBRK
Transmitter Break
0 = Normal operation
1 = Transmit a break
0
R/W
When the RSDR bit is set to 1, received data will be ignored: it will not be written into FIFO. Frame,
Overrun and parity errors will not be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com