Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 196 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 196 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 192Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 193Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 194Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 195Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 196Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 197Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 198Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 199Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 200Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 225 page
background image
Chapter 10 Asynchronous Serial Interface (UART)
Preliminary
10-21
10.4 Flow Charts
In this paragraph some flow charts are presented, which should help the user to perform basic
operations on the UART.
In these examples an upper layer which involves a software protocol is used: the transmitter will send
as first data frame a “block length” which will be used by the receiver to determine the number of
incoming data frames. So if n data frames have to be transmitted, the actual length of the transmission
will be of n+1 since the protocol uses the first frame as a control frame.
The user may choose to implement or not such a protocol, the reason for using it here is to give an
easy example on how to operate the UART.
It is not recommended to use the Timeout error in the receiver to determine the end of a transmission:
if the FIFO is empty the error will not occur. This bit is not suitable for flow control.
10.4.1
Transmitter programming
Figure 10.4.1 shows a basic example of transmission operation. The hardware RTS/CTS flow control
is used, the other parameters refer to:
•
8 bit data length
•
1 stop bit
•
even parity
•
MSB first
•
software operates in polling mode on the TX FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com