Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 198 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 198 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 194Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 195Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 196Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 197Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 198Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 199Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 200Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 201Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 202Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 225 page
background image
Chapter 10 Asynchronous Serial Interface (UART)
Preliminary
10-23
0
0
START
TMPR3916 CCR REGISTER &
MUX CONFIGURATION
Reset UART: (SIFCR)
SWRST = 1
RFRST = 1
FRSTEW = 1
Line Control Register:
LSBF = 0
UEPS = 1
UPEN = 1
(Sets MSB first, 8 bit tx, etc)
Stop UART Reset (SIFCR)
RFRST = 0
FRSTEW = 0
Flow Control Register
RCS = 1
RSDR = 0
RTSTL = 0001
enables RTS hardware, storing of
received data, sets RTS trigger
level to 1
RECEPTION ENDS
Check RFDN (number of
entries in RX FIFO) in
Interrupt Status Register
Check Interrupt Register
for Frame, Parity, Overrun
or Time Out errors
Retrieve one entry from RX FIFO
ERROR
Check RFDN (number of
entries in RX FIFO) in the
Interrupt Status Register
errors
BLOCK LENGTH = BLOCK
LENGTH - 1
BLOCK LENGTH >
0 ?
yes
Retrieve the first entry from the
RX FIFO
STORE THE FIFO ENTRY AS
BLOCK LENGTH IN A
REGISTER OF TMPR3916F
Figure 10.4.2 Example flow for a receive operation. The operations written with the courier font are not to
be performed on the UART, but may involve TMPR3916 programming or only software
operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com