Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 201 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 201 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 197Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 198Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 199Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 200Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 201Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 202Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 203Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 204Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 205Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 225 page
background image
Chapter 11 Electrical Characteristics
Preliminary
11-2
11.2 Power Up Sequence
tResetHold
VDD
PLLOFF*
PLLCircuit
Output
CLKEN
Output Clock
External Reset
A26 Value(1)
Internal Reset
tstaOSC
tstaPLL
tA26Sample
Note 1: A26 stabilization determined by RC delay
Consider load on A26 for selection of pull-up/pull-down value
tResetIntDelay
Figure 11.2.1 Waveform for TMPR3916’s Power-up Sequence
Parameter
Symbol
Min
Typ
Max
Unit
Oscillator Starting Time
(2)
tstaOSC
500
µs
PLL Starting Time
tstaPLL

500
µs
Reset Hold Time
tResetHold
25
cycles
(1)
A26 Sample Time
tA26Sample

4cycles
(1)
Initial Delay After Reset
tResetIntDelay
1000
1050
cycles
(1)
(1) Cycle means one systemcycle of TMPR3916. (at 60 MHz one cycle is 16,7 ns)
(2) Determined by external oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com