Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 205 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 205 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 201Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 202Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 203Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 204Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 205Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 206Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 207Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 208Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 209Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 225 page
background image
Chapter 11 Electrical Characteristics
Preliminary
11-6
11.7 SDRAM Timing
Designing the SDRAM interface the following guidelines should be considered:
•
SDRAM signals should be routed using a comparable wire-length for each interface signal
•
capacitive load mismatches between different interface signals should be avoided
For the following electrical specification of the TMPR3916F external bus interface, balanced loads and
equal wiring lengths of the interface signals are assumed.
A[31:0]
BE[3:0]
WE
RAS, CAS
SYSCLK
Dout[31:0]
write access
read access
A[31:0]
BE[3:0]
WE
RAS,CAS
SYSCLK
Din[31:0]
tDOS
sample point
tDOH
tDIS
tDIH
t CR
t CF
Figure 11.7.1 SDRAM Interface Timing Diagram
Parameter
Symbol
Min
Typ
Max
Unit
Output Setup Time
tDOS
4.5
ns
Output Hold Time
tDOH
2.5
ns
Input Setup Time
tDIS
3,5
ns
Input Hold Time
tDIH
1.5
ns
Clock Rise Time
tCR

4.0
ns
Clock Fall Time
tCF

4.0
ns
Load on Interface Signals
CIF

30
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com