Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 207 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 207 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 203Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 204Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 205Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 206Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 207Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 208Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 209Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 210Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 211Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 225 page
background image
Chapter 11 Electrical Characteristics
Preliminary
11-8
11.9 External Slave
Write timing:
A[31:0]
SYSCLK
tEOS1
CS
BE[3:0]
BSTART
LAST
WR
ACK
tEOS2
Dout[31:0]
tEOH1
tEIS2
tEIH2
tEOH2
Figure 11.9.1 Timing Diagram for Write Access to External Slave Initiated by TMPR3916
Parameter
Symbol
Min
Typ
Max
Unit
Output Setup Time of CS, A, BE, D
tEOS1
4.0
ns
Output Hold Time of CS, A, BE, D
tEOH1
2.0
ns
Output Setup Time of BSTART, LAST,
WR, DACK
tEOS2
4.0
ns
Output Hold Time of BSTART, LAST,
WR, DACK
tEOH2
2.0
ns
Input Setup Time of ACK
tEIS2
6.0
ns
Input Hold Time of ACK
tEIH2
2.0
ns
Load on Interface Signals
CIF

30
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com