Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 211 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 211 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 207Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 208Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 209Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 210Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 211Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 212Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 213Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 214Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 215Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 225 page
background image
Chapter 11 Electrical Characteristics
Preliminary
11-12
Parameter
Symbol
Min
Typ
Max
Unit
SEI Clock Frequency
fSEI

15
(1)
MHz
SEI Clock Rise Time
tCR

12
ns
SEI Clock Fall Time
tCF

12
ns
Master Data in Setup Time
tMIS
20
ns
Master Data in Hold Time
tMIH
5
ns
Master Data Out Drive Time
tMOD

20
ns
Master Data Out Hold Time
tMOH
0
ns
Slave Select Output Lead Time
tSSOL
1
cyc
(2)
Load on SEI Interface Signals
CIF

50
pF
(1) At 60 MHz system clock. In general: ¼ of the system clock.
(2) System cycles, means 16.67 ns at 60 MHz clock frequency.
SCLK
(SPOL=0)
SCLK
(SPOL=1)
RX
(output)
TX
(input)
SS
(output)
valid
valid
valid
valid
valid
1/fSEIS
tSIS
tSIH
tSOD
tSOH
tCTDT
tSSDV
valid
Figure 11.12.3 Timing Diagram for TXSEI Timing (Slave, SPHASE = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com