Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 209 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 209 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 205Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 206Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 207Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 208Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 209Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 210Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 211Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 212Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 213Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 225 page
background image
Chapter 11 Electrical Characteristics
Preliminary
11-10
11.10 External Interrupts and NMI
The external interrupts (EXT0, EXT1, EXT2) and the NMI can be applied asynchronous to the system
clock. All interrupt inputs are low active.
Parameter
Symbol
Min
Typ
Max
Unit
Length of Asynchronous Interrupt
tIRQL
2
cycles
(1)
(1) Cycle means one system cycle of TMPR3916 (at 60 MHz one cycle is 16.67 ns)
11.11 General Purpose I/O (PORT Module)
The inputs to the general purpose I/O´s can be applied asynchronous to the system clock.
Parameter
Symbol
Min
Typ
Max
Unit
Length of Input Signal
tGPL
10
cycles
(1)
Sample Frequency
fGPS
7.5
(2)
MHz
(1) Cycle means one system cycle of TMPR3916 (at 60 MHz one cycle is 16.67 ns)
(2) at 60 MHz system clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com