Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 206 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 206 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 202Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 203Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 204Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 205Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 206Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 207Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 208Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 209Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 210Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 225 page
background image
Chapter 11 Electrical Characteristics
Preliminary
11-7
11.8 ROM / SRAM Timing
SYSCLK
CS
A
BE
RD
D*
tAOD
tDIS
tDIH
tAOH
Sample Point Cycle is determined by
RWT setting
* Driven by the external memory device
tAOH
Figure 11.8.1 ROM/Flash/SRAM Interface Timing Diagram (Read)
SYSCLK
CS
A
BE
WR
D*
tAOD
tAOH
Write Hold Time is determined by RWT setting
* Driven by TMPR3916F
tAOH
tDOD
tDOH
tACW
Figure 11.8.2 ROM/Flash/SRAM Interface Timing Diagram (Write)
Parameter
Symbol
Min
Typ
Max
Unit
Address, Control Output Drive Time
tAOD

12
ns
Data Output Drive Time
tDOD

12,5
ns
Address, Control Output Hold Time
tAOH
2,0
ns
Data Output Hold Time
tDOH
2,0
ns
Address to CS or WR
1
tACW
0
ns
Data Input Setup Time
tDIS
3
ns
Data Input Hold Time
tDIH
2
ns
Load on Interface Signals
CIF

30
pF
1 Assumes balanced loads on WR, CS and Address pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com