Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 200 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 200 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 196Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 197Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 198Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 199Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 200Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 201Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 202Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 203Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 204Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 225 page
background image
Chapter 11 Electrical Characteristics
Preliminary
11-1
11. Electrical Characteristics
11.1 DC Characteristics of TMPR3916
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
3.0
3.3
3.6
V
Operating Temperature
Ta
−40
85
°C
Storage Temperature
TSTG
−40
125
°C
Soldering Temperature (Time: 10 s)
TSOLDER

260
°C
Power Dissipation (Normal Mode)
PD

1200
mW
Operating Current
Normal Mode
Standby Mode
IDD
IDDS
150
333
500
mA
µA
Low Level Input Voltage
VIL
−0.3
0.2VDD
V
High Level Input Voltage
5 V Tolerant
Others
VIH
0.7VDD
0.7VDD
5.8
VDD+0.3
V
V
Low Level Input Current
Standard Input Buffer
Input Buffer with Pull-up
(1)
IIL
−10
−200
10
−10
µA
µA
High Level Input Current
IIH
−10
10
µA
Low Level Output Voltage
VOL

0.4
V
High Level Output Voltage
VOH
2.4
V
Output Current
4 mA Buffer
(2)
8 mA Buffer
(3)
IOL
4
8
mA
mA
(1) The following inputs have an integrated pull-up resistance:
VSYNC, HSYNC, DOTCLK, DREQ0, RESET, EXT0, EXT1, EXT2, NMI, dbge, dreset, BUSERR,
ACK, RXCAN0, RXCAN1, PIO16, PIO18, PIO19, PIO21, PIO22, PIO23, PIO25, PIO26, PIO27,
PIO29
(2) The following outputs are 4mA buffer outputs:
TXCAN1, TXCAN0, HDISP, VSYNC, HSYNC, DOTCLK, PIO29, PIO28, PIO27, PIO26, PIO25,
PIO24, PIO23, PIO22, PIO21, PIO20, PIO19, PIO18, PIO17, PIO16, PIO15, PIO14, PIO13, PIO12,
PIO11, PIO10, PIO9, PIO8, PIO7, PIO6, PIO5, PIO4, PIO3, PIO2, PIO1, PIO0
(3) The following outputs are 8mA buffer outputs:
A26, A25, A24, A23, A22, A21, A20, A19, A18, A17, A16, A15, A14, A13, A12, A11, A10, A9, A8, A7,
A6, A5, A4, A3, A2, RD, WR, LAST, BSTART, BURST, CKE, WE, BE3, BE2, BE1, BE0, DREQ0,
DACK0, SYSCLK, RAS, CAS, CS5, CS4, CS3, CS2, CS1, CS0, dclk, pcst2, pcst1, pcst0, sdao, D0,
D1, D2, D3, D4, D5, D6, D7, D8, D9, D10, D11, D12, D13, D14, D15, D16, D17, D18, D19, D20, D21,
D22, D23, D24, D25, D26, D27, D28, D29, D30, D31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com