Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 191 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 191 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 187Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 188Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 189Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 190Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 191Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 192Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 193Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 194Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 195Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 225 page
background image
Chapter 10 Asynchronous Serial Interface (UART)
Preliminary
10-16
10.2.6
FIFO control register (SIFCR)
Bit
31
16
Name
Bit
1514
131211
10
9
8
Name
SWRST
RDIL
Bit
7
6
543
210
Name
RDIL
TDIL
TFRST
RFRST
FRSTEW
Bit
Name
Function
Reset
Value
R/W
31:16
Wired to zero
0R
15
SWRST
Software Reset
0 = Normal operation
1 = Softreset of UART
This software reset lasts for 4 clock cycles. The channel will not react
to any requests during this time period.
Warning: While using instruction cache of TX39 the following
problem occurs: As it takes about 5 clock cycles to activate
software reset this might affect the next write action to a
register of the channel being reset.
Solution: Insert other instructions between resetting command and
next write command of the same channel.
0
W
14:9
Wired to zero
0R
8:7
RDIL
Receive DMA/Interrupt trigger level
These bits determine at which fill level of the receive FIFO the UART
sends an interrupt or DMA request.
00 = If 1 byte in receive FIFO make a request
01 = If 2 bytes in receive FIFO make a request
others = invalid setting
00
R/W
6:5
Wired to zero
0R
4:3
TDIL
Transmit DMA/Interrupt trigger level
These bits determine at which fill level of the transmit FIFO the UART
sends an interrupt or DMA request.
00 = If 1 byte in transmit FIFO make a request
01 = If 2 bytes in transmit FIFO make a request
others = Invalid setting
00
R/W
2
TFRST
Transmit FIFO Reset
0 = Normal operation
1 = Reset of transmit FIFO (only when FRSTEW = 1)
0
R/W
1
RFRST
Receive FIFO Reset
0 = Normal operation
1 = Reset of receive FIFO (only when FRDTEW = 1)
0
R/W
0
FRSTEW
FIFO Reset Enable
0 = Resets of receive and transmit FIFO are inhibited
1 = Resets of receive and transmit FIFO are possible
0
R/W
To properly reset the Receiver or the Transmitter FIFO, bit FRSTEW has to be set to 1 together and
at the same time in which TFRST or RFRST are set to 1. E.g.: to reset the Receiver FIFO value
0x00000003 must be written. This operation will reset the Receiver FIFO until either RFRST or
FRSTEW are set to 0 again by writing in the SIFCR register
To perform a software reset, the value of the FRSTEW bit is meaningless.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com