Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4937 Datasheet(PDF) 352 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 352 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 348Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 349Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 350Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 351Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 352Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 353Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 354Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 355Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 356Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 552 page
background image
Chapter 10 PCI Controller
10-94
Bit
Mnemonic
Field Name
Description
Read/Write
8
NTCMPIE
Normal Data
Transfer Complete
Interrupt Enable
Interrupt Enable on Transfer Done (Default: 0x0)
1: PDMAC generates an interrupt when the current data transfer is
complete.
0: PDMAC does not generate an interrupt when the current data transfer is
complete.
R/W
7
CHNEN
Chain Enable
Chain Enable (Default: 0x0) (Read Only)
When the current data transfer is complete, this field reads the next data
command Descriptor from the address indicated by the PDMAC Chain
Address Register then indicates whether to continue the transfer or not.
This bit is only set to “1” when either a CPU Write process or a Descriptor
Read process sets a value other than “0” in the PDMAC Chain Address
Register.
This bit is cleared to “0” if either the Channel Reset bit is set, or “0” is set in
the PDMAC Chain Address Register by a CPU Write or a Descriptor Read
process.
The above 0 value judgement is not performed when the TX49/H3 core
stores the upper 32 bits in the PDMAC Chain Address Register.
1: Reads the next data command Descriptor.
0: Does not read the next data command Descriptor.
R
6
XFRACT
Transfer Active
Transfer Active (Default: 0x0)
Specifies whether to perform DMA transfer or not.
Setting this bit after setting the appropriate value in the register group
initiates DMA data transfer.
This bit is not set if the PDMAC Count Register value is “0” and the Chain
Enable bit is cleared when “1” is written to this bit.
Even when a value other than “0” is written to the Chain Address Register,
“1” is set to this bit and DMA transfer automatically starts.
The above 0 value judgement is not performed when the TX49/H3 core
stores the upper 32 bits in the PDMAC Chain Address Register.
Data transfer will be stopped after a short delay if this bit is cleared while
the data transfer is in progress.
This bit is automatically cleared to “0” either when data transfer ends
normally or is stopped by an error.
Never clear XFRACT by software, because it stops guaranteeing a normal
operation,.
1: Perform data transfer.
0: Do not perform data transfer.
R/W
5
Reserved
⎯
4
BSWAP
Byte Swap Within
DWORD
Swap Bytes in DWORD (Default: 0x0)
Specifies whether to perform 32-bit data byte swapping.
Please leave this bit at “0” for normal usage.
Setting this bit when in the Big Endian mode executes data transfer so the
byte order of the 32-bit data on the PCI Bus (which is Little Endian) does
not change.
1: Swap the byte order of each 32-bit DWORD data, then transfer.
0: Transfer without swapping the byte order of each 32-bit DWORD data.
R/W
3:2
XFRSIZE
Transfer Size
Transfer Size (Default: 0x0)
Specifies the data transfer size in one G-Bus transaction on the G-Bus.
00: 1 DWORD (32-bit)
01: 1 QWORD (64-bit)
10: 4 QWORD (Burst transfer)
11: Reserved
R/W
1
XFRDIRC
Transfer Direction Transfer Direction (Default: 0x0)
Specifies the DMA data transfer direction.
1: Transfers data from the G-Bus to the PCI Bus.
0: Transfers data from the PCI Bus to the G-Bus.
R/W
0
CHRST
Channel Reset
Channel Reset (Default: 0x1)
Resets the DMA channel.
This bit must be cleared by the software in advance so the channel can
start the data transfer. This reset function is not supported when PDMAC is
in operation.
Ensure that the Transfer Active (XFARCT) bit in the PDMSTATUS register
is cleared prior to resetting the DMA channel. For chained DMA, also
ensure either the Abnormal Chain Complete (ACCMP) or Normal Chain
Complete (NCCMP) bit in the PDMSTATUS register is set.
1: All logic and State Machines are reset.
0: The channel becomes valid.
R/W
Figure 10.4.60 PDMAC Configuration Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com