Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4937 Datasheet(PDF) 354 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 354 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 350Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 351Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 352Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 353Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 354Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 355Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 356Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 357Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 358Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 552 page
background image
Chapter 10 PCI Controller
10-96
Bit
Mnemonic
Field Name
Description
Read/Write
8
XFRACT
Transfer Active
Transfer Active (Default: 0x0)
This bit is a copy of the Transfer Active bit in the PDMAC Configuration
Register.
R
7
ACCMP
Abnormal Chain
Completion
Abnormal Chain Complete (Default: 0x0)
1: Indicates that the Chain transfer ended in an error state. In other words,
this reflects an OR operation of the PDMAC Status Register bits [3:0].
0: Indicates that no error has occurred in the Chain transfer since the
previous error bit was cleared.
Note: Bits [3:0] of the PDMAC Status Register must be cleared in order to
clear this bit.
R
6
NCCMP
Normal Chain
Completion
Normal Chain Complete (Default: 0x0)
1: Indicates that the Chain transfer ended in the Normal state.
0: Indicates that Chain transfer has not ended since this bit was previously
cleared.
R/W1C
5
NTCMP
Normal Data
Transfer
Complete
Normal Data Transfer Complete (Default: 0x0)
1: Indicates that the data transfer specified by the PDMAC Register ended
in the Normal state.
0: Indicates that data transfer has not ended since this bit was previously
cleared.
R/W1C
4
Reserved
⎯
3
CFGERR
Configuration
Error
Configuration Error (Default: 0x0)
1: Indicates that either the current setting of the control portion in the
Control Register and the Address/Count Register are not consistent with
each other or the PDMAC stipulation is not being obeyed. DMA transfer
stops.
0: Indicates that the current setting of the control portion in the Control
Register can be tolerated.
R/W1C
2
PCIERR
PCI Fatal Error
PCI Fatal Error (Default: 0x0)
1: Indicates that an error was signaled on the PCI Bus during the Chain
process.
0: Indicates that no error has been signaled on the PCI Bus since this bit
was previously cleared.
R/W1C
1
CHNERR
G-Bus Chain
Error
G-Bus Chain Bus Error (Default: 0x0)
1: Indicates that a G-Bus error occurrred during the Chain process. DMA
transfer stops.
0: Indicates that no G-Bus error has occurred during the Chain process
since this bit was cleared.
R/W1C
0
DATAERR
G-Bus Data Error G-Bus Data Bus Error (Default: 0x0)
1: Indicates that a G-Bus error occurred during the data transfer process.
DMA transfer stops.
0: Indicates that no G-Bus error has occurred during the data transfer
process since this bit was cleared.
R/W1C
Figure 10.4.61 Status Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com