Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4937 Datasheet(PDF) 330 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 330 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 326Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 327Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 328Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 329Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 330Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 331Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 332Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 333Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 334Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 552 page
background image
Chapter 10 PCI Controller
10-72
Bit
Mnemonic
Field Name
Description
Read/Write
10
SRST
Software Reset
Soft Reset (Default: 0x0)
Performs PCI Controller software reset control. Data is also reloaded to the
Configuration Space Register from EEPROM or from the Configuration
Data Register. Please set this bit after the EEPROM Load End bit
(PCICSTATUS.E2PDONE) is set. Also, please use the software to clear
this bit at least four PCI Bus Clock cycles after Reset.
Other registers of the PCI Controller cannot be accessed while this bit is
set.
This bit differs from the Hardware Reset bit (HRST). The following register
values are not initialized.
• G2P Status Register (G2PSTATUS)
• PCI Bus Arbiter Status Register (PBASTATUS)
• PCI Controller Status Register (PCICSTATUS)
• Software Reset bit (PCICCFG.SRST)
• Load Configuration Register bit (PCICCFG.LCFG)
1: The PCI Controller is reset by the software.
0: The PCI Controller is not reset by the software.
R/W
9
IRBER
Bus Error
Response Setting
During Initiator
Read
Initiator Read Bus Error Response (Default: 0x1)
Bus error responses on the G-Bus are controlled when the following
phenomena indicated by the PCI Status, Command Register (PICSTATUS)
and the G2P Status Register (G2PSTATUS) occur during initiator Read
access.
Detected Parity Error (PCISTATUS.DPE)
Received Master Abort (PCISTATUS.RMA)
Received Target Abort (PCISTATUS.RTA)
Initiator Detected TRDY Time Out Error (G2PSTATUS.IDTTOE)
Initiator Detected Retry Time Out Error (G2PSTATUS.IDRTOE)
1: Responds with a Bus error on the G-Bus.
0: Does not respond with a Bus error on the G-Bus.
(Normally terminates the Read transaction on the G-Bus. Read data is
invalid.)
R/W
8
G2PM0EN
Initiator Memory
Space 0 Enable
Initiator Memory Space 0 Enable (Default: 0x0)
Controls PCI initiator access to Memory Space 0.
1: Memory Space 0 is valid.
0: Memory Space 0 is invalid.
R/W
7
G2PM1EN
Initiator Memory
Space 1 Enable
Initiator Memory Space 1 Enable (Default: 0x0)
Controls PCI initiator access to Memory Space 1.
1: Memory Space 1 is valid.
0: Memory Space 1 is invalid.
R/W
6
G2PM2EN
Initiator Memory
Space 2 Enable
Initiator Memory Space 2 Enable (Default: Normal Mode: 0x0; PCI Boot
Mode: 0x1)
Controls PCI initiator access to Memory Space 2.
1: Memory Space 2 is valid.
0: Memory Space 2 is invalid.
R/W
5
G2PIOEN
Initiator I/O Space
Enable
Initiator I/O Space Enable (Default: 0x0)
Controls PCI initiator access to the I/O Space..
1: I/O Space is valid.
0: I/O Space is invalid.
R/W
Figure 10.4.41 PCI Controller Configuration Register (2/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com