Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4937 Datasheet(PDF) 332 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 332 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 328Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 329Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 330Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 331Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 332Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 333Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 334Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 335Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 336Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 552 page
background image
Chapter 10 PCI Controller
10-74
10.4.44 PCI Controller Status Register (PCICSTATUS)
0xD174
31
16
Reserved
: Type
: Initial value
15
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
PME
TLB
NIB
ZIB
Reserved
PERR SERR GBE Reserved IWB E2PDONE
R/W1C R/W1C R/W1C R/W1C
R/W1C R/W1C R/W1C
R
R
: Type
0x0
0x0
0x0
0x0
0x0
0x0
0x0
0x0
⎯
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:11
Reserved
⎯
10
PME
PME Detect
PME Detect (Default: 0x0)
When the PCI Controller is in the Host mode, this bit indicates that
assertion of the PME* signal was detected.
1: Indicates that assertion of the PME* signal was detected.
0: Indicates that assertion of the PME* signal was not detected.
R/W1C
9
TLB
Long Burst
Transfer Detect
Too Long Burst Detect (Default: 0x0)
Indicates that a Burst transfer by the on-chip DMA Controller exceeding 8
DWORDs was detected.
1: Indicates that a Burst transfer exceeding 8 DWORDs was detected.
0: Indicates that no Burst transfer exceeding 8 DWORDs was detected.
R/W1C
8
NIB
Negative
Increment Burst
Detect
Negative Increment Burst Detect (Default: 0x0)
Indicates that Burst transfer by the on-chip DMA Controller in the negative
direction was detected.
1: Indicates that a Burst transfer in the negative direction was detected.
0: Indicates that no Burst transfer in the negative direction was detected.
R/W1C
7
ZIB
Zero Increment
Burst Detect
Zero Increment Burst Detect (Default: 0x0)
Indicates that Burst transfer by the on-chip DMA Controller without an
address increment was detected.
1: Indicates that a Burst transfer without an address increment was
detected.
0: Indicates that no Burst transfer without an address increment was
detected.
R/W1C
6
Reserved
⎯
5
PERR
PERR* Detected
PERR* Occurred (Default: 0x0)
Indicates that the Parity Error signal (PERR*) was asserted. This bit is a
monitor status bit that records assertion of the PERR* signal even if the
TX4937 is not accessing PCI.
1: Indicates that the PERR* signal was asserted.
0: Indicates that the PERR* signal was not asserted.
R/W1C
4
SERR
SERR* Detected
SERR* Occurred (Default: 0x0)
Indicates that the System Error signal (SERR*) was asserted. This bit is a
monitor status bit that records assertion of the SERR* signal even if the
TX4937 is not accessing PCI.
1: Indicates that the SERR* signal was asserted.
0: Indicates that the SERR* signal was not asserted.
R/W1C
3
GBE
G-Bus Error
Detect
G-Bus Error Detect (Default: 0x0)
Indicates that a G-Bus Error occurred in the G-Bus Master cycle of the PCI
Controller. This error is indicated when a timeout occurs on the G-Bus. This
bit is only set by Master cycle Bus Errors.
1: Indicates that a G-Bus Error was detected.
0: Indicates that no G-Bus Error was detected.
R/W1C
Figure 10.4.42 PCI Controller Status Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com