Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX5510AESA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX5510AESA
Description  680K/1.2MHz, High Voltage, Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX5510AESA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX5510AESA Datasheet HTML 1Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 2Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 3Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 4Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 5Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 6Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 7Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 8Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4/20
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.06, 2019
AX5510A
ELECTRICAL CHARACTERISTICS
(VIN=5V, VOUT=12V, VEN=VIN, TA=25°C, unless otherwise noted)
Characteristics
Symbol
Conditions
Min
Typ Max Units
Input Voltage range
VCC
2.6
-
5.5
V
Under Voltage Lockout
UVLO Rising
-
2.35 2.6
V
UVLO Hysteresis
-
-150
-
mV
Step-Up Voltage Adjust Range
VOUT
VCC+0.5
-
27
V
Operating quiescent current
ICCQ IOUT= 0mA, VFB=1.5V
-
150 250
μA
Shutdown current
ISD
VEN=0V
-
0.1
1
μA
Feedback Voltage
VFB
1.219 1.238 1.257 V
FB Input Leakage Current
IFB-LKG VFB = 1.5V
-100
0.01 +100 nA
Line Regulation
VIN=2.6 to 5.5V
IOUT=20mA
-
0.2
-
%
Load Regulation
VIN=5V
IOUT= 1mA to 0.4A
-
0.15
-
%
Oscillator frequency
FOSC
FREQ=High
900
1200 1500
KHz
FREQ=Low
500
680 850
FREQ high-level input voltage
VFQ-IH
2
-
-
V
FREQ low-level input voltage
VFQ-IL
-
-
0.5
FREQ input leakage current
IFQ-LKG FREQ=GND
-
-
0.1
uA
Soft Start Current
ISS
4
7
13
μA
N-channel MOSFET current limit
ILIM
Duty=40%
2
2.5
-
A
MOSFET on-resistance
(Note)
RDS(on)
VIN=3V, ISW=1A
-
200 280
mΩ
VIN=5V, ISW=1A
-
160 220
EN high-level input voltage
VIH
1.0
-
-
V
EN low-level input voltage
VIL
-
-
0.4
V
EN Hysteresis
hys
-
200
-
mV
EN input leakage current
IEN-LKG VEN=GND or VIN
-
0.01 0.1
μA
Maximum Duty Cycle
Duty VFB=0V
85
90
-
%
LX Leakage Current
ILXL
VLX = 25V, VFB=1.5V
-
-
10
µA
Thermal Shutdown
TSD
-
150
-
°C
Thermal Shutdown Hysteresis
-
35
-
Note:Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com