Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX5510AESA Datasheet(PDF) 8 Page - AXElite technology co. ltd

Part # AX5510AESA
Description  680K/1.2MHz, High Voltage, Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX5510AESA Datasheet(HTML) 8 Page - AXElite technology co. ltd

Back Button AX5510AESA Datasheet HTML 4Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 5Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 6Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 7Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 8Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 9Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 10Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 11Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 12Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8/20
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.06, 2019
AX5510A
Frequency Select Pin (FREQ)
The frequency select pin FREQ allows to set the switching frequency of the device to
680 KHz (FREQ = low) or 1.2 MHz (FREQ = high). Higher switching frequency improves
load transient response but reduces slightly the efficiency. The other benefits of higher
switching frequency are a lower output ripple voltage. Usually, it is recommended to use 1.2
MHz switching frequency unless light load efficiency is a major concern.
Under Voltage Lockout (UVLO)
To avoid mis-operation of the device at low input voltages an under voltage lockout is
included that disables the device, if the input voltage falls below (2.35V-150mV).
Input Capacitor Selection
For better input bypassing, low-ESR ceramic capacitors are recommended for
performance. Two parallel 10uF (or one 22uF) input capacitor is sufficient for most
applications. For a lower output power requirement application, this value can be decreased.
Output Capacitor Selection
For lower output voltage ripple, low-ESR output capacitor like ceramic capacitor is
recommended. Three 10uF ceramic capacitors work for most of the applications. Higher
capacitor values can be used to improve the load transient response and reduce output
ripple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com