Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX5510AESA Datasheet(PDF) 9 Page - AXElite technology co. ltd

Part # AX5510AESA
Description  680K/1.2MHz, High Voltage, Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX5510AESA Datasheet(HTML) 9 Page - AXElite technology co. ltd

Back Button AX5510AESA Datasheet HTML 5Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 6Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 7Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 8Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 9Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 10Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 11Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 12Page - AXElite technology co. ltd AX5510AESA Datasheet HTML 13Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/20
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.06, 2019
AX5510A
Layout Guide
(1) MSOP-10L-EP/TDFN-10L
C2 must be placed between VIN and
PGND as closer as possible, VIN trace
should be wide and short. The PGND
trace can not directly connect to SGND,
the trace take a via to ground area of
bottom.
LX should connected to lnductor by wide and
short trace, keep sensitive components away
from this trace.
R2 and C8 should be connected
to FB pin by short trace.
AX5510AEU/AX5510AJ10
VIN
C2
L1
GND
VOUT
LX
SGND
VCC
PGND
SS
FREQ
EN
1
2
3
4
5
6
7
8
9
10
LX
FB
COMP
Expose
Pad
VCC
C4
R3
C6
C7
R6
R8
R2
C5
R4
D1
C3
R7
GND
C4 must be placed between VCC pin
and SGND as closer as possible. The
SGND must connect to exposed pad
directly.
Frequency Selection, if FREQ connect to VCC,
the frequency is 1.2MHz, else connect R7 to
GND, the frequency is 680KHz.
C1
(2) MSOP/SOP-8L-EP
AX5510AES/AX5510AEU8
GND
VCC
SS
FREQ
EN
LX
FB
COMP
Exposed
Pad
C3 must be placed between VOUT trace
and GND pin as closer as possible.
LX should connected to lnductor by wide and
short trace, keep sensitive components away
from this trace.
R2 and C8 should be connected
to FB pin by short trace.
VIN
C2
L1
GND
VOUT
C4
R3
C6
C7
R6
R8
R2
C5
R4
D1
C3
R7
GND
C4 must be placed between VCC pin
and GND pin as closer as possible.
The GND must connect to exposed
pad directly.
Frequency Selection, if FREQ connect to VCC,
the frequency is 1.2MHz, else connect R7 to
GND, the frequency is 680KHz.
VCC
VCC
VOUT
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com