| Electronic Components Datasheet Search |
|
TMP93CS40 Datasheet(PDF) 38 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 Datasheet(HTML) 38 Page - Toshiba Semiconductor |
|
38 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-36 3.4.1 General-purpose Interrupt Processing When accepting an interrupt, the CPU operates as follows. In the cases of software interrupts or interrupts generated by the CPU because of attempts to execute illegal instructions, the following steps (1) and (3) are not executed. (1) The CPU reads the interrupt vector from the interrupt controller. When more than one interrupt with the same priority level is generated simultaneously, the interrupt controller generates interrupt vectors in accordance with the default priority, then clears the interrupt request. The default priority is fixed as follows: The smaller the vector value, the higher the priority. (2) The CPU pushes the program counter and the status register to the system stack area (Area indicated by the system mode stack pointer (XSP)). (3) The CPU sets a value in the CPU interrupt mask register <IFF2:0> that is higher by 1 than the priority level value of the accepted interrupt. However, if the accepted interrupt’s priority value is 7, 7 is set without an increment. (4) The CPU increments the interrupt nesting counter (INTNEST). (5) The CPU jumps to an address stored in the 8000H + interrupt vector, then starts the interrupt processing routine. The following table shows the number of processing states corresponding to steps 1 to 5 above. Number of Interrupt Processing States Bus Width of Stack Area Bus Width of Interrupt Vector Area Max Mode Min Mode 8 bits 35 31 8 bits 16 bits 31 27 8 bits 29 27 16 bits 16 bits 25 23 The RETI instruction is usually used to complete the interrupt processing. Executing this instruction restores the contents of the program counter and the status registers, and decrements the interrupt nesting counter (INTNEST). Though acceptance of non-maskable interrupts cannot be disabled by programming, acceptance of maskable interrupts can. A priority can be set for each source of maskable interrupts. The CPU accepts any interrupt request with a priority higher than the current value in the CPU mask register <IFF2:0>. The CPU mask register <IFF2:0> is then set to a value higher by 1 than the priority of the accepted interrupt. Thus, if another interrupt is generated with a priority level higher than the interrupt currently being processed, the CPU accepts the interrupt with the higher level, causing interrupt processing to nest. If an interrupt request with a priority higher than the currently-processed interrupt is generated during the time that CPU is processing the above steps (1) to (5), and is accepted before the first instruction in the interrupt processing routine is executed, this will cause interrupt processing to nest. (The nesting process is the same as in the case of overlapping each non-maskable interrupt (Level 7).) The CPU does not accept an interrupt request of the same priority level as that of the interrupt currently being processed. Resetting initializes the CPU mask registers <IFF2:0> to the value 7; therefore, acceptance of all maskable interrupts is disabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |