| Electronic Components Datasheet Search |
|
TMP93CS40 Datasheet(PDF) 53 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 Datasheet(HTML) 53 Page - Toshiba Semiconductor |
|
53 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-51 (3) Micro DMA start vector When the CPU reads the interrupt vector after accepting an interrupt, it simultaneously compares the bits 2 to 6 of the interrupt vector with each channel’s micro DMA start vector. When the two match, the interrupt from the channel whose value matched is processed in micro DMA mode. If the interrupt vector matches more than one channel, the channel with the lower channel number has a higher priority. Micro DMA 0 State Vector 7 6 5 4 3 2 1 0 DMA0V Bit symbol DMA0V4 DMA0V3 DMA0V2 DMA0V1 DMA0V0 (007CH) Read/Write W After reset 0 0 0 0 0 Function Micro DMA channel 0 processed by matching bits 2 to 6 of the interrupt vector. Micro DMA 1 State Vector 7 6 5 4 3 2 1 0 DMA1V Bit symbol DMA1V4 DMA1V3 DMA1V2 DMA1V1 DMA1V0 (007DH) Read/Write W After reset 0 0 0 0 0 Function Micro DMA channel 1 processed by matching bits 2 to 6 of the interrupt vector. Micro DMA 2 State Vector 7 6 5 4 3 2 1 0 DMA2V Bit symbol DMA2V4 DMA2V3 DMA2V2 DMA2V1 DMA2V0 (007EH) Read/Write W After reset 0 0 0 0 0 Function Micro DMA channel 2 processed by matching bits 2 to 6 of the interrupt vector. Micro DMA 3 State Vector 7 6 5 4 3 2 1 0 DMA3V Bit symbol DMA3V4 DMA3V3 DMA3V2 DMA3V1 DMA3V0 (007FH) Read/Write W After reset 0 0 0 0 0 Function Micro DMA channel 3 processed by matching bits 2 to 6 of the interrupt vector. Note: Read-modify-write is not possible for DMA0V to DMA3V. Figure 3.4.7 Micro DMA State Vector Register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |