Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS40 Datasheet(PDF) 91 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 91 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 87Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 88Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 89Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 90Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 91Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 92Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 93Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 94Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 95Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 248 page
background image
TMP93CS40/TMP93CS41
20004-02-10
93CS40-89
3.6.3
Control Registers
Table 3.6.1 shows control registers.
One block of the address areas is controlled by each of the 1-byte CS/WAIT control
registers B0CS, B1CS, and B2CS.
(1) Master enable bits
Bit7 of the control registers (B0E, B1E, and B2E) are master bits used to specify
setting enable (1) or disable (0).
Resetting sets B0E and B1E to disable (0) and B2E to enable (1).
(2) CS/CAS waveform select
Bit5 of the control registers (B0CAS, B1CAS, and B2CAS) are used to specify the
waveform mode output from the chip select pin (from CS0 to CS2 , or from
0
CAS
to
2
CAS
). Setting these bits to 0 specifies CS0 to CS2 waveforms; setting them to 1
specifies
0
CAS
to
2
CAS
waveforms.
Resetting clears bits 5 to 0.
(3) Data bus size select
Bit4 (B0BUS, B1BUS, and B2BUS) of the control register is used to specify data bus
size. Setting this bit to 0 accesses the memory in 16-bit data bus mode; setting it to 1
accesses the memory in 8-bit data bus mode.
Changing data bus size depending on the access address is called dynamic bus sizing.
Table 3.6.2 shows the details of the bus operation.
This bit is changed by changing the state of the AM8/ AM16 pin.
(4) Wait control
Control register bits 3 and 2 <B0W1:0, B1W1:0, and B2W1:0> are used to specify the
number of waits. Setting these bits to 00 inserts a 2-state wait regardless of the WAIT
pin status. Setting them to 01 inserts a 1-state wait regardless of the WAIT status.
Setting them to 10 inserts a 1-state wait and samples the WAIT pin status. If the pin
is Low, inserting the wait maintains the bus cycle until the pin goes high. Setting them
to 11 completes the bus cycle without a wait, regardless of the WAIT pin status.
Resetting sets these bits to 00 (2-state wait mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com