| Electronic Components Datasheet Search |
|
TMP93CS40 Datasheet(PDF) 110 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 Datasheet(HTML) 110 Page - Toshiba Semiconductor |
|
110 / 248 page ![]() TMP93CS40/TMP93CS41 20004-02-10 93CS40-108 The comparator signal is output from timer 0 each time the up counter UC0 matches TREG0, when the up counter UC0 is not to be cleared. With the timer 1 comparator, the match detect signal is output at each comparator check when the up counter UC1 and TREG1 values are found to match. When the match detect signal is output simultaneously from the comparators of both timer 0 and timer 1, the up counters UC0 and UC1 are cleared to 0, and the interrupt INTT1 is generated. If inversion is enabled, the value of the timer flip-flop TFF1 is inverted. Example: When TREG1 = 04H and TREG0 = 80H Figure 3.7.9 Timer Output by 16-Bit Timer Mode (3) 8-bit PPG (Programmable pulse generation) output mode Square wave pulse can be generated at any frequency and duty by timer 0. The output pulse may be either low-active or high-active. In this mode, timer 1 cannot be used. Timer 0 outputs a pulse to the TO1 pin (also used as P71). Figure 3.7.10 8-Bit PPG Output Waveforms Value of up counter (UC1, UC0) 0000H Timer 0 comparator match detect signal Interrupt INTT1 Timer output TO1 0080H 0180H 0280H 0380H 0480H Inversion TREG0 and UC0 match (Interrupt INTT0) tH TREG1 and UC0 match (Interrupt INTT1) TO1 TREG0 tL TREG1 t |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |