| Electronic Components Datasheet Search |
|
TMP93CS40 Datasheet(PDF) 156 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 Datasheet(HTML) 156 Page - Toshiba Semiconductor |
|
156 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-154 3.10 Stepping Motor Control/Pattern Generation Port The TMP93CS40/TMP93CS41 contains two 4-bit hardware stepping motor control/pattern generation channels, PG0 and PG1, (hereinafter called PG) which actuate in synchronization with the (8-bit/16-bit) timers. PG (PG0 and PG1) shares the 8-bit input/output port with P6. The output on channel 0 (PG0) is updated in synchronization with the 8-bit timer 0, 8-bit timer 1, or 16-bit timer 4. The output on channel 1 (PG1) is updated in synchronization with the 8-bit timer 0, the 8-bit timer 1, or the 16-bit timer 5. The PG ports are controlled by the control register (PG01CR) and can select either stepping motor control mode or pattern generation mode. Each bit of P6 can be used for a PG port. PG0 and PG1 can be used independently. Since the two PG channels operate in the same manner, except for the following points, only the operation of PG0 will be explained below. Differences between PG0 and PG1 PG0 PG1 Trigger signal from timer 4 from timer 5 Figure 3.10.1 PG Block Diagram 1/2 excitation 1-2 excitation SA03 b6 b3 b7 PG03 PG02 b2 b5 b1 P62/PG02 (P66/PG12) b4 P63/PG03 (P67/PG13) P61/PG01 (P65/PG11) SA01 PG01 SA02 P60/PG00 (P64/PG10) PG00 SA00 b0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |