Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS40 Datasheet(PDF) 219 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 219 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 215Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 216Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 217Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 218Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 219Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 220Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 221Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 222Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 223Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-217
4.8
SCOUT Pin AC Characteristics
Variable
12.5 MHz
20 MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
High-level pulse width
VCC = 5 V ± 10%
0.5X
− 10
40
15
High-level pulse width
VCC = 3 V ± 10%
tSCH
0.5X
− 20
30
−
−
ns
Low-level pulse width
VCC = 5 V ± 10%
0.5X
− 10
40
15
Low-level pulse width
VCC = 3 V ± 10%
tSCL
0.5X
− 20
30
−
−
ns
Measurement condition
•
Output level: High 2.2 V/Low 0.8 V, CL = 10 pF
SCOUT
tSCH
tSCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com