| Electronic Components Datasheet Search |
|
TMP93CS44 Datasheet(PDF) 170 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS44 Datasheet(HTML) 170 Page - Toshiba Semiconductor |
|
170 / 224 page ![]() TMP93CS44/S45 2004-02-10 93CS44-168 2. Shift edge The leading edge is used to transmit data, and the trailing edge is used to receive data. Leading edge shift Data is shifted on the leading edge of the serial clock (at the falling edge of the SCK pin input/output). Trailing edge shift Data is shifted on the trailing edge of the serial clock (at the rising edge of the SCK pin input/output). Figure 3.10.22 Shift Register ******** SCK pin SO pin Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Shift register 76543210 *7654321 **765432 ***76543 ****7654 *****765 ******76 *******7 (a) Leading edge SCK pin SI pin Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Shift register 0******* 10****** 210***** 3210**** 43210*** 543210** 6543210* 76543210 (b) Trailing edge *: Don’t care |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |