Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4VM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA4VM Datasheet(HTML) 2 Page - Texas Instruments

  TDA4VM Datasheet HTML 1Page - Texas Instruments TDA4VM Datasheet HTML 2Page - Texas Instruments TDA4VM Datasheet HTML 3Page - Texas Instruments TDA4VM Datasheet HTML 4Page - Texas Instruments TDA4VM Datasheet HTML 5Page - Texas Instruments TDA4VM Datasheet HTML 6Page - Texas Instruments TDA4VM Datasheet HTML 7Page - Texas Instruments TDA4VM Datasheet HTML 8Page - Texas Instruments TDA4VM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 331 page
background image
Display subsystem:
• One eDP/DP interface with Multi-Display Support
(MST)
– HDCP1.4/HDCP2.2 high-bandwidth digital
content protection
• One DSI TX (up to 2.5K)
• Up to two DPI
Audio interfaces:
• Twelve Multichannel Audio Serial Port (MCASP)
modules
Video acceleration:
• Ultra-HD video, one (3840 × 2160p, 60 fps), or two
(3840 × 2160p, 30 fps) H.264/H.265 decode
• Full-HD video, four (1920 × 1080p, 60 fps), or eight
(1920 × 1080p, 30 fps) H.264/H.265 decode
• Full-HD video, one (1920 × 1080p, 60 fps), or up to
three (1920 × 1080p, 30 fps) H.264 encode
Flash memory interfaces:
• Embedded MultiMediaCard Interface ( eMMC™
5.1)
• Universal Flash Storage (UFS 2.1) interface with
two lanes
• Two Secure Digital® 3.0/Secure Digital Input
Output 3.0 interfaces (SD3.0/SDIO3.0)
• Two simultaneous flash interfaces configured as
– One OSPI and one QSPI flash interfaces
– or one HyperBus™ and one QSPI flash
interface
System-on-Chip (SoC) architecture:
• 16-nm FinFET technology
• 24 mm × 24 mm, 0.8-mm pitch, 827-pin FCBGA
(ALF), enables IPC class 3 PCB routing
TPS6594-Q1 Companion Power Management
ICs (PMIC):
• Functional Safety support up to ASIL-D
• Flexible mapping to support different use cases
2 Applications
• Advanced surround view and park assistance systems
• Autonomous sensor fusion / perception systems including camera, radar and lidar sensors
• Mono and multi-sensor Front camera systems
• Next generation eMirror systems
• Industrial mobile robot (AGV/AMR) with safety functions
• Machine vision
• Smart retail
• Smart shopping cart
• Construction and agriculture
• Edge AI BOX
• Single Board Computer
• Off-highway vehicle control
• Industrial PC with AI
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com