Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4VM Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA4VM Datasheet(HTML) 12 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 8Page - Texas Instruments TDA4VM Datasheet HTML 9Page - Texas Instruments TDA4VM Datasheet HTML 10Page - Texas Instruments TDA4VM Datasheet HTML 11Page - Texas Instruments TDA4VM Datasheet HTML 12Page - Texas Instruments TDA4VM Datasheet HTML 13Page - Texas Instruments TDA4VM Datasheet HTML 14Page - Texas Instruments TDA4VM Datasheet HTML 15Page - Texas Instruments TDA4VM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 331 page
background image
5.2 Pin Attributes
Note
MCU_BOOTMODE pins are latched on the rising edge of MCU_PORz_OUT. BOOTMODE pins are latched on the rising edge of PORz_OUT.
Note
Media Local Bus (MLB) is not available on this device.The following balls must be left unconnected if not used in GPIO mode: AE2, AD2, AD3,
AC3, AC1, AD1
Note
PRU_ICSSG0 and PRU_ICSSG1 are not available on this device. The prg* signals should not be used. Those pins can be used for other
functions.
Note
Devices that support CPSW9G Gigabit Ethernet Interface of 4x RMII, 4x RGMII, 4x SGMII
Allowed instances and pins:
1. RMII1/RGMII1/SGMII1
2. RMII2/RGMII2/SGMII2
3. RMII3/RGMII3/SGMII3
4. RMII4/RGMII4/SGMII4
Devices that support CPSW9G Gigabit Ethernet Interface of 2x RMII, 2x RGMII, 2x SGMII
Allowed instances and pins:
1. RMII1/RGMII1/SGMII1
2. RMII2/RGMII2/SGMII2
Table 5-1. Pin Attributes
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
U7
CAP_VDDS0
CAP_VDDS0
CAP
K23
CAP_VDDS0_MCU
CAP_VDDS0_MCU
CAP
AB21
CAP_VDDS1
CAP_VDDS1
CAP
J18
CAP_VDDS1_MCU
CAP_VDDS1_MCU
CAP
Y18
CAP_VDDS2
CAP_VDDS2
CAP
J19
CAP_VDDS2_MCU
CAP_VDDS2_MCU
CAP
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com