Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4VM Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA4VM Datasheet(HTML) 13 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 9Page - Texas Instruments TDA4VM Datasheet HTML 10Page - Texas Instruments TDA4VM Datasheet HTML 11Page - Texas Instruments TDA4VM Datasheet HTML 12Page - Texas Instruments TDA4VM Datasheet HTML 13Page - Texas Instruments TDA4VM Datasheet HTML 14Page - Texas Instruments TDA4VM Datasheet HTML 15Page - Texas Instruments TDA4VM Datasheet HTML 16Page - Texas Instruments TDA4VM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
W21
CAP_VDDS3
CAP_VDDS3
CAP
AA22
CAP_VDDS4
CAP_VDDS4
CAP
R22
CAP_VDDS5
CAP_VDDS5
CAP
V22
CAP_VDDS6
CAP_VDDS6
CAP
B20
CSI0_RXCLKN
CSI0_RXCLKN
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
A21
CSI0_RXCLKP
CSI0_RXCLKP
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
F16
csi0_rxrcalib
CSI0_RXRCALIB
A
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
F15
csi1_rxrcalib
CSI1_RXRCALIB
A
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
B17
CSI1_RXCLKN
CSI1_RXCLKN
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
A18
CSI1_RXCLKP
CSI1_RXCLKP
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
B19
CSI0_RXN0
CSI0_RXN0
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
D18
CSI0_RXN1
CSI0_RXN1
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
D17
CSI0_RXN2
CSI0_RXN2
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
E16
CSI0_RXN3
CSI0_RXN3
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
A20
CSI0_RXP0
CSI0_RXP0
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com