Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5930 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5930
Description  Silicon NPN Triple Diffused Type (PCT Process) High-Speed and High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5930 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5930 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5930 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5930 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5930 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5930 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC5930
2006-11-13
4
Safe Operating Area
Collector-emitter voltage VCE (V)
IC max (pulsed)*
DC operation
(Ta
= 25°C)
10 ms* 1 ms*
100
μs*
100 ms*
1
0.001
3
10
100
300
1000
0.003
0.01
0.03
0.3
5
1
30
0.005
0.05
3
10
μs*
0.1
0.5
10
*: Single pulse Ta
= 25°C
These characteristic curves
must be derated linearly with
increase in temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com