Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5930 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC5930
Description  Silicon NPN Triple Diffused Type (PCT Process) High-Speed and High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5930 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC5930 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5930 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5930 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5930 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5930 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC5930
2006-11-13
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 600 V, IE = 0
⎯
⎯
100
μA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
⎯
⎯
100
μA
Collector-base breakdown voltage
V (BR) CBO
IC = 1 mA, IB = 0
600
⎯
⎯
V
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
285
⎯
⎯
V
hFE (1)
VCE = 5 V, IC = 1 mA
30
⎯
100
DC current gain
hFE (2)
VCE = 5 V, IC = 0.2 A
40
⎯
100
Collector-emitter saturation voltage
VCE (sat)
IC = 0.6 A, IB = 0.075 A
⎯
⎯
1.0
V
Base-emitter saturation voltage
VBE (sat)
IC = 0.6 A, IB = 0.075 A
⎯
⎯
1.3
V
Rise time
tr
⎯
⎯
0.5
Storage time
tstg
⎯
⎯
3.0
Switching time
Fall time
tf
See Figure 1.
VCC ≈ 200 V, RL = 667 Ω
IB1 = 20 mA, −IB2 = 50 mA
⎯
⎯
0.3
μs
Marking
Figure 1
Switching Time Test Circuit &
Timing Chart
IB2
IB1
20
μs
Output
Input
IB2
IB1
VCC
Duty cycle
< 1%
C5930
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com