Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5930 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5930
Description  Silicon NPN Triple Diffused Type (PCT Process) High-Speed and High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5930 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5930 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5930 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5930 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5930 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5930 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5930
2006-11-13
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type (PCT Process)
2SC5930
High-Speed and High-Voltage Switching Applications
Switching Regulator Applications
DC-DC Converter Applications
• High-speed switching: tf = 0.3 μs (max) (IC = 0.3 A)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
600
V
Collector-emitter voltage
VCEX
600
V
Collector-emitter voltage
VCEO
285
V
Emitter-base voltage
VEBO
7
V
DC
IC
1.0
Collector current
Pulse
ICP
2.0
A
Base current
IB
0.5
A
Collector power
dissipation
Ta
= 25°C
PC
1.0
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7D101A
Weight: 0.2 g (typ.)


Similar Part No. - 2SC5930

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5930 TOSHIBA-2SC5930 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5930

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1052A TOSHIBA-2SD1052A Datasheet
113Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE (PCT PROCESS)
2SC3075 TOSHIBA-2SC3075_06 Datasheet
170Kb / 5P
Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High Voltage Switching
2SC3307 TOSHIBA-2SC3307_06 Datasheet
171Kb / 5P
Silicon NPN Triple Diffused Type High-Speed and High-Voltage Switching Applications
2SC3619 TOSHIBA-2SC3619_06 Datasheet
129Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process) High-Voltage Switching and Amplifier Applications
2SC3963 TOSHIBA-2SC3963_06 Datasheet
123Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process) High-Voltage General Amplifier Applications
2SB1018A TOSHIBA-2SB1018A_06 Datasheet
170Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
2SC5172 TOSHIBA-2SC5172_06 Datasheet
143Kb / 5P
Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High-Voltage Switching Applications
2SC5353 TOSHIBA-2SC5353_06 Datasheet
146Kb / 5P
Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High Voltage Switching Applications
2SC5354 TOSHIBA-2SC5354_06 Datasheet
116Kb / 3P
Silicon NPN Triple Diffused Type High-Speed and High-Voltage Switching Applications
2SC2230A TOSHIBA-2SC2230A Datasheet
133Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com