Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56321 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # DSP56321
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button DSP56321 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
DSP56321 Technical Data, Rev. 11
1-6
Freescale Semiconductor
Signals/Connections
1.5 Interrupt and Mode Control
The interrupt and mode control signals select the chip operating mode as it comes out of hardware reset. After
RESET is deasserted, these inputs are hardware interrupt request lines.
Table 1-8.
Interrupt and Mode Control
Signal Name
Type
State During
Reset
Signal Description
MODA
IRQA
Input
Input
Schmitt-trigger
Input
Mode Select A—MODA, MODB, MODC, and MODD select one of 16 initial
chip operating modes, latched into the Operating Mode Register when the
RESET signal is deasserted.
External Interrupt Request A—After reset, this input becomes a level-
sensitive or negative-edge-triggered, maskable interrupt request input during
normal instruction processing. If the processor is in the STOP or WAIT
standby state and IRQA is asserted, the processor exits the STOP or WAIT
state.
MODB
IRQB
Input
Input
Schmitt-trigger
Input
Mode Select B—MODA, MODB, MODC, and MODD select one of 16 initial
chip operating modes, latched into the Operating Mode Register when the
RESET signal is deasserted.
External Interrupt Request B—After reset, this input becomes a level-
sensitive or negative-edge-triggered, maskable interrupt request input during
normal instruction processing. If the processor is in the WAIT standby state
and IRQB is asserted, the processor exits the WAIT state.
MODC
IRQC
Input
Input
Schmitt-trigger
Input
Mode Select C—MODA, MODB, MODC, and MODD select one of 16 initial
chip operating modes, latched into the Operating Mode Register when the
RESET signal is deasserted.
External Interrupt Request C—After reset, this input becomes a level-
sensitive or negative-edge-triggered, maskable interrupt request input during
normal instruction processing. If the processor is in the WAIT standby state
and IRQC is asserted, the processor exits the WAIT state.
MODD
IRQD
Input
Input
Schmitt-trigger
Input
Mode Select D—MODA, MODB, MODC, and MODD select one of 16 initial
chip operating modes, latched into the Operating Mode Register when the
RESET signal is deasserted.
External Interrupt Request D—After reset, this input becomes a level-
sensitive or negative-edge-triggered, maskable interrupt request input during
normal instruction processing. If the processor is in the WAIT standby state
and IRQD is asserted, the processor exits the WAIT state.
RESET
Input
Schmitt-trigger
Input
Reset—Places the chip in the Reset state and resets the internal phase
generator. The Schmitt-trigger input allows a slowly rising input (such as a
capacitor charging) to reset the chip reliably. When the RESET signal is
deasserted, the initial chip operating mode is latched from the MODA, MODB,
MODC, and MODD inputs. The RESET signal must be asserted after
powerup.
PINIT
NMI
Input
Input
Schmitt-trigger
Input
PLL Initial—During assertion of RESET, the value of PINIT determines
whether the DPLL is enabled or disabled.
Nonmaskable Interrupt—After RESET deassertion and during normal
instruction processing, this Schmitt-trigger input is the negative-edge-triggered
NMI request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com