Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56321 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # DSP56321
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button DSP56321 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
DSP56321 Technical Data, Rev. 11
1-8
Freescale Semiconductor
Signals/Connections
HA0
HAS/HAS
PB8
Input
Input
Input or Output
Ignored Input
Host Address Input 0—When the HI08 is programmed to interface with a
nonmultiplexed host bus and the HI function is selected, this signal is line 0 of
the host address input bus.
Host Address Strobe—When the HI08 is programmed to interface with a
multiplexed host bus and the HI function is selected, this signal is the host
address strobe (HAS) Schmitt-trigger input. The polarity of the address strobe is
programmable but is configured active-low (HAS) following reset.
Port B 8—When the HI08 is configured as GPIO through the HI08 Port Control
Register, this signal is individually programmed as an input or output through the
HI08 Data Direction Register.
HA1
HA8
PB9
Input
Input
Input or Output
Ignored Input
Host Address Input 1—When the HI08 is programmed to interface with a
nonmultiplexed host bus and the HI function is selected, this signal is line 1 of
the host address (HA1) input bus.
Host Address 8—When the HI08 is programmed to interface with a multiplexed
host bus and the HI function is selected, this signal is line 8 of the host address
(HA8) input bus.
Port B 9—When the HI08 is configured as GPIO through the HI08 Port Control
Register, this signal is individually programmed as an input or output through the
HI08 Data Direction Register.
HA2
HA9
PB10
Input
Input
Input or Output
Ignored Input
Host Address Input 2—When the HI08 is programmed to interface with a
nonmultiplexed host bus and the HI function is selected, this signal is line 2 of
the host address (HA2) input bus.
Host Address 9—When the HI08 is programmed to interface with a multiplexed
host bus and the HI function is selected, this signal is line 9 of the host address
(HA9) input bus.
Port B 10—When the HI08 is configured as GPIO through the HI08 Port Control
Register, this signal is individually programmed as an input or output through the
HI08 Data Direction Register.
HCS/HCS
HA10
PB13
Input
Input
Input or Output
Ignored Input
Host Chip Select—When the HI08 is programmed to interface with a
nonmultiplexed host bus and the HI function is selected, this signal is the host
chip select (HCS) input. The polarity of the chip select is programmable but is
configured active-low (HCS) after reset.
Host Address 10—When the HI08 is programmed to interface with a
multiplexed host bus and the HI function is selected, this signal is line 10 of the
host address (HA10) input bus.
Port B 13—When the HI08 is configured as GPIO through the HI08 Port Control
Register, this signal is individually programmed as an input or output through the
HI08 Data Direction Register.
HRW
HRD/HRD
PB11
Input
Input
Input or Output
Ignored Input
Host Read/Write—When the HI08 is programmed to interface with a single-
data-strobe host bus and the HI function is selected, this signal is the Host
Read/Write (HRW) input.
Host Read Data—When the HI08 is programmed to interface with a double-
data-strobe host bus and the HI function is selected, this signal is the HRD
strobe Schmitt-trigger input. The polarity of the data strobe is programmable but
is configured as active-low (HRD) after reset.
Port B 11—When the HI08 is configured as GPIO through the HI08 Port Control
Register, this signal is individually programmed as an input or output through the
HI08 Data Direction Register.
Table 1-10.
Host Interface (Continued)
Signal Name
Type
State During
Reset1,2
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com