Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS38BFG Datasheet(PDF) 51 Page - Toshiba Semiconductor

Part # TMP88CS38BFG
Description  CMOS 8-Bit Microcontroller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38BFG Datasheet(HTML) 51 Page - Toshiba Semiconductor

Back Button TMP88CS38BFG Datasheet HTML 47Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 48Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 49Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 50Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 51Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 52Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 53Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 54Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 55Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 218 page
background image
TMP88CS38B/CM38B/CP38B
2007-09-12
88CS38B-51
2.2.5
Port P6 (P67 to P60)
Port P6 is an 8-bit input/output port which can be configured as an input or an output in
one-bit unit under software control. Input/output mode is selected by the corresponding bit
in the port P6 input/output control register (P6CR). Port P6 is configured as an input if its
corresponding P6CR bit is cleared to “0”, and as an output if its corresponding P6CR bit is
set to “1” and P6nS bit is set to “1”. P63 to P60 are sink open-drain ports. During reset,
P6CR is initialized to “0”, which configures port P6 as an input. The P6 output latches are
also initialized to “1”.
Data is written into the output latch regardless of the P6CR contents. Therefore initial
output data should be written into the output latch before setting P6CR.
Port P6 is used as an on screen display (OSD) output (R, G, B and Y/BL signal)/input
(RIN, GIN BIN, Y/BLIN signal), a test video signal output and AD converter analog input.
When used as a test video signal output pin, the output pins should be set to the output
mode and beforehand the signal control register (SGEN) should be set to “1”. When used as
a secondary function input, the input pins should be set to the input mode. When used as
an OSD output pin, the output pins should be set to the output mode and beforehand the
port P6 data selection register (P67S to P64S) should be clear to “0”. When used as port P6,
the signal control register (P67 to P64) should be set to “1”.
Note:
Input mode port is read the state of input pin. When input/output mode is used mixed,
the contents of output latch setting input mode may be changed by executing bit
manipulation instructions.
Example: Sets the lower 4 bits (P63 to P60) in port P6 to the output mode, and the other bit to the input mode.
LD
(P6CR), 0FH
;
P6CR
← 00001111B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com