Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS38BFG Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TMP88CS38BFG
Description  CMOS 8-Bit Microcontroller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38BFG Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TMP88CS38BFG Datasheet HTML 14Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 15Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 16Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 17Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 18Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 19Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 20Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 21Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 218 page
background image
TMP88CS38B/CM38B/CP38B
2007-09-12
88CS38B-18
IDLE mode includes a normal release mode and an interrupt release mode. Selection
is made with the interrupt master enable flag (IMF). Releasing the IDLE mode returns
from IDLE to NORMAL.
a. Normal release mode (IMF
= “0”)
IDLE mode is released by any interrupt source enabled by the individual
interrupt enable flag (EF) or an external interrupt 0 ( INT0 pin) request.
Execution resumes with the instruction following the IDLE mode start instruction
(e.g., [SET (SYSCR2).4]). Normally, IL (Interrupt latch) of interrupt source to
release IDLE mode must be cleared by load instructions.
b. Interrupt release mode (IMF
= “1”)
IDLE mode is released and interrupt processing is started by any interrupt
source enabled with the individual interrupt enable flag (EF) or an external
interrupt 0 ( INT0 pin) request. After the interrupt is processed, the execution
resumes from the instruction following the instruction which started IDLE mode.
Note:
When a watchdog timer interrupt is generated immediately before the IDLE mode is
started, the watchdog timer interrupt will be processed but IDLE mode will not be
started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com