Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS38BFG Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # TMP88CS38BFG
Description  CMOS 8-Bit Microcontroller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38BFG Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button TMP88CS38BFG Datasheet HTML 28Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 29Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 30Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 31Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 32Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 33Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 34Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 35Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 218 page
background image
TMP88CS38B/CM38B/CP38B
2007-09-12
88CS38B-32
7
6
5
4
3
2
1
0
EINTCR
(00037H)
“0”
INT0
EN
−
INT4
ES
−
INT2
ES
“0”
−
(Initial value: 00*0 *00*)
INT0EN
P50/ INT0 pin configuration
0: P50 input/output port
1: INT0 pin (Port P50 should be set to an input mode)
INT4ES
INT2ES
INT4 and INT2 edge select
0: Rising edge
1: Falling edge
Write
only
Note 1:
fc: High-frequency clock [Hz], *: Don’t care
Note 2:
Edge detection during switching edge selection is invalid.
Note 3:
Do not change EINTCR only when IMF
= 1. After changing EINTCR, interrupt latches of external interrupt
inputs must be cleared to “0” using load instruction.
Note 4:
In order to change of external interrupt input by rewriting the contents of INT2ES and INT4ES during
NORMAL mode, clear interrupt latches of external interrupt inputs (INT2 and INT4) after 8 machine cycles
from the time of rewriting.
Note 5:
In order to change an edge of timer counter input by rewritng the contents of INT2ES during NORMAL
mode, rewrite the contents after timer counter is stopped (TC*s
= 0) , that is, terrupt disable state.
Then, clear a interrupt latch of external interrupt input (INT2) after 8 machine cycles from the time of
rewriting to change to interrupt enable state. Finally, start timer counter.
Example:
When change TC1 pin inputs edge in external trigger timer mode from rising edge falling edge.
LD (TC1CR) , 01001000B
;
TC1S
← 00 (Stops TC1)
DI
;
IMF
← 0 (Disables interrupt service)
LD (EINTCR) , 00000100B
;
INT2ES
← 1 (Change edge selection)
NOP
to
NOP
LD (ILL) , 01111111B
;
IL7
← 0 (Clears interrupt latch)
EI
;
IMF
← 1 (Enable interrupt service)
LD (TC1CR) , 01111000B
;
TC1S
← 11 (Starts TC1)
Figure 1.5.5 External Interrupt Control Register
8-machine
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com