Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8065 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM8065
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8065 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM8065 Datasheet HTML 19Page - Analog Devices LTM8065 Datasheet HTML 20Page - Analog Devices LTM8065 Datasheet HTML 21Page - Analog Devices LTM8065 Datasheet HTML 22Page - Analog Devices LTM8065 Datasheet HTML 23Page - Analog Devices LTM8065 Datasheet HTML 24Page - Analog Devices LTM8065 Datasheet HTML 25Page - Analog Devices LTM8065 Datasheet HTML 26Page - Analog Devices LTM8065 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
23 of 43
APPLICATIONS INFORMATION
For most applications, the design process is straightforward, and summarized as follows.
1. See Table 6 and find the row with the desired input range and output voltage.
2. Apply the recommended CIN, COUT, RFB, and RT values.
3. Connect BIAS as indicated.
When using the LTM8060F with different output voltages, the higher frequency recommended by Table 6 will
usually result in the best operation. While these component combinations have been tested for proper operation, it
is incumbent upon the user to verify proper operation over the intended system’s line, load, and environmental
conditions. Bear in mind that the maximum output current is limited by the junction temperature, the relationship
between the input and output voltage magnitude as well as other factors. See the graphs in the Typical
Performance Characteristics section for guidance.
The maximum frequency (and attendant RT value) at which the LTM8060F should be allowed to switch is given in
Table 6 in the Maximum fSW column, while the recommended frequency (and RT value) for optimal efficiency over
the given input condition is given in the fSW column. There are additional conditions that must be satisfied if the
synchronization function is used. See the Synchronization section for details.
Set Output Voltage
The output voltage is programmed with a FB resistor, as shown in Figure 53. Choose the resistor value according to
Equation 1.
������������������ =
249������Ω
������������������������
0.8������
− 1
(1)
A 1% resistor is recommended to maintain output voltage accuracy.
Figure 53. Set Output Voltage with a FB Resistor
Capacitor Selection Considerations
The CIN and COUT capacitor values in Table 6 are the minimum recommended values for the associated operating
conditions. Applying capacitor values below those indicated in Table 6 is not recommended and may result in
undesirable operation. Using larger values is generally acceptable, and can yield improved dynamic response, if it
is necessary. Again, it is incumbent upon the user to verify proper operation over the intended system’s line, load,
and environmental conditions.
The ceramic capacitors are small, robust, and have very low ESR. However, not all ceramic capacitors are suitable.
The X5R and X7R types are stable over temperature and applied voltage and give dependable service. Other types,
249kΩ
10pF
0.1µF
1.5µH
RFB
CURRENT MODE
CONTROLLER
0.8V
VOUT
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com