Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8065 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM8065
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8065 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM8065 Datasheet HTML 24Page - Analog Devices LTM8065 Datasheet HTML 25Page - Analog Devices LTM8065 Datasheet HTML 26Page - Analog Devices LTM8065 Datasheet HTML 27Page - Analog Devices LTM8065 Datasheet HTML 28Page - Analog Devices LTM8065 Datasheet HTML 29Page - Analog Devices LTM8065 Datasheet HTML 30Page - Analog Devices LTM8065 Datasheet HTML 31Page - Analog Devices LTM8065 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
28 of 43
Figure 62. 36VIN to 3.3VOUT Derating with Airflow
Figure 63. 12VIN to 5VOUTDerating with Airflow
Figure 64. 24VIN to 5VOUT Derating with Airflow
Figure 65. 36VIN to 5VOUT Derating with Airflow
Table 8. 1.5V Output
DERATING CURVE
VIN
(V)
POWER LOSS
CURVES
AIRFLOW
(LFM)
HEAT SINK
θJA (°C/W)
Figure 57, Figure 58, Figure 59
12, 24, 36
Figure 54
0
None
9
Figure 57, Figure 58, Figure 59
12, 24, 36
Figure 54
200
None
7.5
Figure 57, Figure 58, Figure 59
12, 24, 36
Figure 54
400
None
6.5
Table 9. 3.3V Output
DERATING CURVE
VIN
(V)
POWER LOSS
CURVES
AIRFLOW
(LFM)
HEAT SINK
θJA (°C/W)
Figure 60, Figure 61, Figure 62
12, 24, 36
Figure 55
0
None
9
Figure 60, Figure 61, Figure 62
12, 24, 36
Figure 55
200
None
7.5
Figure 60, Figure 61, Figure 62
12, 24, 36
Figure 55
400
None
6.5
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com