Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8065 Datasheet(PDF) 29 Page - Analog Devices

Part # LTM8065
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8065 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTM8065 Datasheet HTML 25Page - Analog Devices LTM8065 Datasheet HTML 26Page - Analog Devices LTM8065 Datasheet HTML 27Page - Analog Devices LTM8065 Datasheet HTML 28Page - Analog Devices LTM8065 Datasheet HTML 29Page - Analog Devices LTM8065 Datasheet HTML 30Page - Analog Devices LTM8065 Datasheet HTML 31Page - Analog Devices LTM8065 Datasheet HTML 32Page - Analog Devices LTM8065 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
29 of 43
Table 10. 5V Output
DERATING CURVE
VIN
(V)
POWER LOSS
CURVES
AIRFLOW
(LFM)
HEAT SINK
θJA (°C/W)
Figure 63, Figure 64, Figure 65
12, 24, 36
Figure 56
0
None
9
Figure 63, Figure 64, Figure 65
12, 24, 36
Figure 56
200
None
7.5
Figure 63, Figure 64, Figure 65
12, 24, 36
Figure 56
400
None
6.5
Load Sharing
The four LTM8060F channels may be paralleled to produce higher currents. To do this on two or more LTM8060F
modules, connect the VINn, VOUTn, FBn, and SHAREn pins of all the paralleled channels/modules together. To ensure
that paralleled channels startup together, the TRSSn pins may be all connected together, as well. If it is
inconvenient to connect the TRSSn pins together, ensure that the same value soft start capacitors are used for each
µModule regulator. When load sharing among n units and using a single RFB resistor, the value of the resistor is
given by Equation 2.
������������������ =
199.2
������(������������������������ − 0.8)
, ������ℎ������������������ ������������������ ������������ ������������ ������Ω
(2)
Examples of load-sharing applications are given in Figure 70 through Figure 73 in the Typical Applications section.
Burst Mode Operation
To enhance efficiency at light loads, the LTM8060F automatically switches to Burst Mode operation, which keeps
the output capacitor charged to the proper voltage while minimizing the input quiescent current. During Burst
Mode operation, the LTM8060F delivers single-cycle bursts of current to the output capacitor followed by sleep
periods where most of the internal circuitry is powered off, and energy is delivered to the load by the output
capacitor. During the sleep time, VINn and BIASn quiescent currents are greatly reduced, so, as the load current
decreases towards a no-load condition, the percentage of time that the LTM8060F operates in sleep mode
increases and the average input current is greatly reduced, resulting in higher light load efficiency.
The Burst Mode operation is enabled by tying SYNC to GND.
Minimum Input Voltage
The LTM8060F is a step-down converter, therefore, a minimum amount of headroom is required to keep the output
in regulation. Keep the input above 3V to ensure proper operation. Voltage transients or ripple valleys that cause
the input to fall below 3V may turn off the LTM8060F.
The VIN1 must be above 3V for Channel 1 and Channel 2 to operate. If VIN1 is above 3V, Channel 2 will operate if
VIN2 is above 2V.
The VIN34 must be above 3V for Channel 3 and Channel 4 to operate.
Output Voltage Tracking and Soft Start
The LTM8060F allows the user to adjust its output voltage ramp rate using the TRSSn pin. An internal 2μA pulls up
the TRSSn pin to about 2.4V. Putting an external capacitor on TRSSn enables the soft starting the output to reduce
current surges on the input supply. During the soft start ramp the output voltage will proportionally track the
TRSSn pin voltage. For output tracking applications, TRSSn can be externally driven by another voltage source.
From 0V to 0.8V, the TRSSn voltage will override the internal 0.8V reference input to the error amplifier, thus
regulating the FBn pin voltage to that of the TRSSn pin. When TRSSn is above 0.8V, tracking is disabled, and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com