Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS42FG Datasheet(PDF) 85 Page - Toshiba Semiconductor

Part # TMP88CS42FG
Description  8 Bit Microcontroller
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS42FG Datasheet(HTML) 85 Page - Toshiba Semiconductor

Back Button TMP88CS42FG Datasheet HTML 81Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 82Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 83Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 84Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 85Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 86Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 87Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 88Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 89Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 216 page
background image
Page 75
TMP88CS42FG
Example :Duty measurement (resolution fc/27 [Hz], CGCR<DV1CK> = “0”)
CLR
(INTTC1SW). 0
; INTTC1 service switch initial setting
Address set to convert INTTC1SW at each INTTC1
LD
(TC1CR), 00000110B
; Sets the TC1 mode and source clock
DI
; IMF
= “0”
SET
(EIRD). 2
; Enables INTTC1
EI
; IMF
= “1”
LD
(TC1CR), 00100110B
; Starts TC1 with an external trigger at MCAP1 = 0
:
PINTTC1:
CPL
(INTTC1SW). 0
; INTTC1 interrupt, inverts and tests INTTC1 service switch
JRS
F, SINTTC1
LD
A, (TC1DRBL)
; Reads TC1DRB (High-level pulse width)
LD
W,(TC1DRBH)
LD
(HPULSE), WA
; Stores high-level pulse width in RAM
RETI
SINTTC1:
LD
A, (TC1DRBL)
; Reads TC1DRB (Cycle)
LD
W,(TC1DRBH)
LD
(WIDTH), WA
; Stores cycle in RAM
:
RETI
; Duty calculation
:
VINTTC1:
DW
PINTTC1
; INTTC1 Interrupt vector
WIDTH
HPULSE
TC1 pin
INTTC1 interrupt request
INTTC1SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com