Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS42FG Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # TMP88CS42FG
Description  8 Bit Microcontroller
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS42FG Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button TMP88CS42FG Datasheet HTML 19Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 20Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 21Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 22Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 23Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 24Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 25Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 26Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 216 page
background image
Page 13
TMP88CS42FG
Note 1: fc: the high-frequency clock [Hz], *: Don’t care
Note 2: The CGCR Register bits 4 and 3 show an indeterminate value when read.
Note 3: Be sure to write “0” to CGCR Register bits 7, 6, 2, 1 and 0.
Note 1: *: Don’t care
Note 2: Be sure to write “0” to TBTCR Register bit 4.
(2) Machine cycle
Instruction execution and the internal hardware operations are synchronized to the system clocks.
The minimum unit of instruction execution is referred to as the “mgmachine cycle”. The TLCS-
870/X series has 15 types of instructions, from 1-cycle instructions which are executed in one
machine cycle up to 15-cycle instructions that require a maximum of 15 machine cycles.
A machine cycle consists of four states (S0 to S3), with each state comprised of one main system
clock cycle.
Figure 2-5 Machine Cycles
Divider Control Register
CGCR
(0030H)
76
543
21
0
0
0
DV1CK
0
0
0
(Initial value: 000* *000)
DV1CK
Selects input clock to the first
divider stage
0: fc/4
1: fc/8
R/W
Timing Generator Control Register
TBTCR
(0036H)
76
543
21
0
DVOEN
DVOCK
0
TBTEN
TBTCK
(Initial value: 0000 0000)
Main system clock
States
S0
S1
S2
S3
S0
S1
S2
S3
1/fc
(0.20
µs at 20 MHz)
Machine cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com