Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS42FG Datasheet(PDF) 98 Page - Toshiba Semiconductor

Part # TMP88CS42FG
Description  8 Bit Microcontroller
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS42FG Datasheet(HTML) 98 Page - Toshiba Semiconductor

Back Button TMP88CS42FG Datasheet HTML 94Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 95Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 96Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 97Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 98Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 99Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 100Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 101Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 102Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 216 page
background image
Page 88
9. 16-Bit Timer (CTC)
9.2 Control
TMP88CS42FG
9.3.4 Programmable Pulse Generate (PPG) output mode
The timer/counter starts counting as a command or edge on CTC pin input (rising/falling edge and one/both
edges respectively selected with the CTC1CR1<CTC1SE> and CTC1CR1<CTC1E>). The source clock is an
internal clock. When matched with the CTC1DR A/B/C Registers, the timer output F/F corresponding to each
mode is inverted. When matched with the CTC1DR A/B/C Registers next time, the timer output F/F is inverted
again. An INTCTC1 interrupt request is generated when the counter value matches the maximum register
value set by CTC1CR2<CTCREG>. The timer output F/F is cleared to 0 when reset. Because
CTC1CR2<CTC1FF0> can be used to set the initial value for the timer output F/F, an active-high or active-low
pulse whichever is desired can be output. The CTC1DRB and CTC1DRC Registers cannot be accessed for
write unless they are set for PPG output mode and the registers used are selected with CTC1CR2<CTC1REG>.
The number of registers set can be altered during operation. In this case, however, be sure to set the number of
registers used and write values to the data registers before the next CTC1INIT1 is output after the first
CTC1INIT1 output. Even when only altering the data register values while leaving the number of registers
unchanged, be sure to do this within the same period of time.
Figure 9-6 PPG Output Mode Timing Chart
Table 9-2 External Clock Source for Compare Timer/Counter 1
NORMAL and IDLE Modes
Maximum applied frequency [Hz]
Up to fc/22
Minimum pulse width
22/fc and over
Table 9-3 Internal Clock Source for Compare Timer/Counter 1 (Example: fc = 20 MHz)
CTC1CK
NORMAL and IDLE Modes
DV1CK = 0
DV1CK = 1
Resolution [
µs]
Maximum Setting Time [s]
Resolution [
µs]
Maximum Setting Time [s]
000
102.4
6.71
204.8
13.42
001
6.4
0.419
12.8
0.839
010
1.6
0.105
3.2
0.210
011
0.4
26.21 m
0.8
52.43 m
100
0.2
13.11 m
0.4
26.21 m
101
0.1
6.55 m
0.2
13.11 m
110
-
-
-
-
(I) One register used
When command start, interrupt output, and counter clear are set in Timer Register A
CTC pin input
Counter
Timer Register A
11
1
n
n
0
INTCTC1
interrupt
Command start
n
PPG2 pin output
1
n
1
2
3
n
Successive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com