Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS43FG Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TMP88CS43FG
Description  8 Bit Microcontroller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS43FG Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TMP88CS43FG Datasheet HTML 17Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 18Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 19Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 20Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 21Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 22Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 23Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 24Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 218 page
background image
Page 11
TMP88CS43FG
2.1.4 System Clock Control Circuit
The System Clock Control Circuit consists of a clock generator, timing generator, and standby control cir-
cuit.
Figure 2-2 System Clock Control Circuit
2.1.4.1 Clock Generator
The Clock Generator generates the fundamental clock which serves as the reference for the system
clocks supplied to the CPU core and peripheral hardware units.
The high-frequency clock (frequency fc) can be obtained easily by connecting a resonator to the XIN
and XOUT pins. Or a clock generated by an external oscillator can also be used. In this case, enter the
external clock from the XIN pin and leave the XOUT pin open. The TMP88CS43FG does not support the
CR network that produces a time constant.
Figure 2-3 Example for Connecting a Resonator
Adjusting the oscillation frequency
Note: Although no hardware functions are provided that allow the fundamental clock to be monitored directly
from the outside, the oscillation frequency can be adjusted by forwarding the pulse of a fixed frequency
(e.g., clock output) to a port and monitoring it in a program while interrupts and the watchdog timer are
disabled. For systems that require adjusting the oscillation frequency, an adjustment program must be
created beforehand.
2.1.4.2 Timing Generator
The Timing Generator generates various system clocks from the fundamental clock that are supplied to
the CPU core and peripheral hardware units. The Timing Generator has the following functions:
Timing generator
Standby control circuit
High-frequency
clock oscillator
circuit
TBTCR
SYSCR2
SYSCR1
XIN
XOUT
Clock
generator
fc
00036H
00038H
00039H
System clocks
Timing generator control register
System control register
XIN
High-frequency Clock
XOUT
(a) Using a crystal or
ceramic resonator
XIN
XOUT
(b) Using an external
oscillator
(Open)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com